Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics AN3147 Datasheet HTML 20Page - STMicroelectronics AN3147 Datasheet HTML 21Page - STMicroelectronics AN3147 Datasheet HTML 22Page - STMicroelectronics AN3147 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID17035 Rev 3
19/25
AN3147
Run and low power modes
24
4.9.2
Exiting Halt mode
Wakeup from Halt mode is triggered by an external interrupt, sourced by a general purpose
I/O port configured as interrupt input or by an alternate function pin capable of triggering a
peripheral interrupt.
The system clock is then restarted at a frequency depending on the FHW bit in the
CLK_ICKCR register. If the FHW bit is set, HSI/8 is the system clock. Otherwise, the system
clock is the last selected clock source before the system enters Halt mode.
Note:
When the STM8L101xx microcontroller is woken up from Halt mode, the same clock source
as that used before entering this mode is always selected.
In an interrupt-based application, where most of the processing is done through the interrupt
routines, the main program may be suspended by setting the activation level bit (AL) in the
CFG_GCR register. Refer to Section 4.10: Activation level control on page 19.
4.9.3
Active-halt mode
In Active-halt mode, the main oscillator, the CPU and almost all peripherals are stopped.
Only the LSI RC oscillator or the LSE crystal is running to drive the SWIM, beep, IWDG,
RTC and LCD, if enabled. The user can enter this mode by a HALT instruction, once some
of the peripherals above have been enabled.
4.10
Activation level control
The STM8L/STM8AL devices support an automatic activation level control feature.
Consequently, the user can configure the MCU so that it directly returns to a low power
mode after it has been woken up from such a mode through interrupts.
In an interrupt-based application, where most of the processing is done through the interrupt
routines, the main program may be suspended by setting the activation level bit (AL) in the
CFG_GCR register. Setting this bit causes the CPU to return to low power mode after
exiting an interrupt service routine without restoring the main execution context when the
IRET instruction is executed. This saves power by removing both the save/restore context
activity and the need for a main software loop execution for power management (in order to
return to low power mode).
To return to the main loop, the AL bit has to be cleared by software. This must be done at
least two clock cycles before the IRET instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com