Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics AN3147 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Run and low power modes
AN3147
16/25
DocID17035 Rev 3
4.6.2
Exiting Wait for interrupt mode
When an internal or external interrupt request occurs, the CPU wakes up from Wait mode
and resumes processing.
The following list gives examples of peripherals or features with interrupts having exit-from-
wait capability:
I2C
USART
SPI
ADC
Comparator
AWU/RTC
External interrupt
Timers
Clock controller (clock switch execution)
Refer to the STM8L/STM8AL reference manuals for more details. Refer to the
STM8L/STM8AL datasheets for the availability of the above peripherals and features on
your devices.
4.6.3
Exiting Wait for event mode
When an internal or external event request occurs, the CPU wakes up from Wait mode and
resumes processing.
The following list gives examples of peripherals or features with events having exit-from-wait
capability:
I2C
USART
SPI
ADC
Comparator
External interrupt
Timers
If an interrupt occurs during Wait for event mode, the related interrupt service routine is
executed. After this routine, the MCU goes back to Wait for event mode.
Refer to the STM8L/STM8AL reference manuals for more details. Refer to the
STM8L/STM8AL datasheets for the availability of the above peripherals and features on
your devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com