Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Run and low power modes
AN3147
12/25
DocID17035 Rev 3
4
Run and low power modes
By default, after a reset, the microcontroller is in Run mode. The default CPU clock is 2 MHz
(HSI / 8). Several low power modes are available to save power when the CPU is not used
for a standard operation (for instance: waiting for an external event). It is up to the user to
select the mode that gives the best compromise between low power consumption, short
startup time, good peripheral functionality, and availability of wakeup sources. Those power
modes are listed in Section 4.2.1 and Section 4.2.2.
Power consumption in Run and Wait modes can also be reduced by one of the following
means:
Slowing down the system clocks
Executing code from RAM
Gating the clocks to the peripherals when they are not used.
4.1
Flash memory
On STM8L and STM8AL devices, the Flash memory supports a low power mode called
IDDQ. In this mode, the Flash is switched off. It enters power-down mode (IDDQ)
automatically when Halt, Active-halt, Low power wait or Low power run mode is entered.
By enabling the EEPM bit (available on STM8L05xxx, STM8L15xxx, STM8L162xx,
STM8AL31xx and STM8AL3Lxx devices only) in the FLASH_CR1 register, the Flash
program memory automatically enters IDDQ mode when the code is executed from RAM or
when the device is in Wait mode. When the Flash program memory is in IDDQ mode, the
recovery / wakeup time is longer (up to 2.8 μs) and depends on the supply voltage and
temperature.
4.2
Overview of low power modes
The following table lists the STM8L and STM8AL low power modes and shows a basic
behavior of STM8L and STM8AL devices and the influence of different low power modes on
CPU, peripherals and consumption.
A detailed description of each mode is given in the following chapters.
In all low power modes, the general purpose I/Os continue to drive actively outputs (both
digital and analog - DAC).
The MCU can be woken up from these low power modes by specific interrupts, including
through comparators and incoming communications on SPI, I2C and/or USART. Refer to
the interrupt mapping table in the device datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com