Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics AN3147 Datasheet HTML 20Page - STMicroelectronics AN3147 Datasheet HTML 21Page - STMicroelectronics AN3147 Datasheet HTML 22Page - STMicroelectronics AN3147 Datasheet HTML 23Page - STMicroelectronics AN3147 Datasheet HTML 24Page - STMicroelectronics AN3147 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Power management tips
AN3147
22/25
DocID17035 Rev 3
5.5
Minimizing power consumption
The following recommendations can help you choose the right configurations to minimize
the power consumption of your device in your application:
Switch off all unused peripherals (peripherals are switched off by default) and use the
PCG feature (through the CLK_PCKENRx registers) to disable the clock provided to
the unused peripherals (these clocks are disabled by default).
All unused pins must be connected to a defined logic level. One of the option is to
configure them as output low level. Make sure there are no unused I/O pins configured
as a floating input. This needlessly leads to a high consumption.
Use Wait mode if you need external wakeup capability in low power mode and if some
peripherals have to remain active.
Use the appropriate VDD value for your application. The higher the VDD value, the more
consumed power.
Thanks to the internal regulator, which supplies internal structures of the MCU, there is
no major difference in the MCU consumption but the difference could be visible on an
application level, e.g. due to the current flowing through pull-up resistors out of the
MCU.
Use Low power run mode and Halt modes as much as possible. To achieve this, you
need to shorten the time spent in the Run mode, for example by using the highest clock
speed in Run mode.
When a low power mode cannot be used, use the minimum possible frequency for your
application. You can select the frequency value that meets your requirements.
Use the dynamic control of pull-up configuration if possible. See Section 5.2: GPIO
initialization on page 20 for a the detailed description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com