Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics AN3147 Datasheet HTML 20Page - STMicroelectronics AN3147 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DocID17035 Rev 3
17/25
AN3147
Run and low power modes
24
4.7
Low power run mode
This mode is based on code execution from RAM, using a low speed clock source. The
main voltage regulator (MVR) is switched off and the low power voltage regulator (LPVR) is
used to supply the voltage to internal structures. The Flash memory is configured by
software in IDDQ mode.
The ADC is not supported in this mode, as its clock source must have a minimum frequency
of 1 MHz.
No interrupt is allowed in this mode as the interrupt vectors are located in the Flash (which is
switched off). Consequently, all interrupts must be masked.
While using this mode, you have to switch from high speed clock sources to low speed clock
sources.
Note:
This mode is not available on the STM8L101xx devices.
4.7.1
Entering Low power run mode
This mode is entered by executing the following software sequence:
1.
Switch off all unused peripherals, oscillators (except LSI or LSE) and analog blocks
2.
Mask all interrupts
3.
Jump to RAM
4.
Switch system clock to LSI or LSE clock sources
5.
Configure the Flash memory in IDDQ mode by setting the EEPM bit in the FLASH_CR1
register
6.
Add a software delay loop to make sure the Flash/Data EEPROM are off
7.
Configure the ultralow power mode for the regulator by setting the REGOFF bit in the
CLK_REGCSR register (do not confuse with the ULP bit in the PWR_CSR2 which
configures the behavior of the internal reference voltage).
Steps 1 to 4 can be performed in any order.
4.7.2
Exiting Low power run mode
The only way to exit this mode is to follow these steps:
1.
Switch on the main regulator by resetting the REGOFF bit in the CLK_REGCSR
register. The REGREADY flag in the CLK_REGCSR register is set when the regulator
is ready.
2.
Switch on the Flash/Data EEPROM by resetting the EEPM bit in the FLASH_CR1
register. The EEREADY flag in the CLK_REGCSR register is set when the Flash/Data
EEPROM is ready.
3.
Switch the clock to HSI (or HSE).
4.
Reset interrupt mask.
5.
Switch on what is necessary and jump to Flash/Data EEPROM if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com