Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID17035 Rev 3
13/25
AN3147
Run and low power modes
24
4.2.1
STM8L101xx low power modes
The STM8L101xx devices feature the following main low power modes:
Wait mode: CPU stopped and peripherals kept running
Active-halt mode: CPU stopped, AWU (auto-wakeup) and IWDG (independent
watchdog) kept running if enabled.
Halt mode: CPU and peripheral clocks stopped
4.2.2
STM8L05xxx, STM8L15xxx, STM8L162xx, STM8AL31xx and
STM8AL3Lxx low power modes
STM8L05xxx, STM8L15xxx, STM8L162xx, STM8AL31xx and STM8AL3Lxx devices feature
the following main low power modes:
Wait mode: CPU clock stopped, peripherals kept running
Low power run mode: executing code is done from RAM with a low speed oscillator
(LSI or LSE); selected peripherals remain active
Low power wait mode: CPU clock stopped; selected peripherals remain active
Active-halt mode: CPU clock stopped, AWU/RTC (auto wakeup/real-time clock) and
IWDG (independent watchdog) kept running if enabled
Halt mode: everything is stopped.
Table 3. Low power mode summary
Low power
modes
Entry
Functions
Low power modes names
and consumptions
CPU Peripherals
High
speed
osc.
RTC
calendar
LSI
LSE
Flash RAM
STM8L &
STM8AL
typical
values
@ 3V/25°C
STM8L &
STM8AL
typical
values
@ 3V/85°C
Low power
run
Software
sequence
ON
Can be
enabled
OFF
ON
ON
OFF
ON
5.4 µA
6.8 µA
Low power
wait
Software
sequence
+ WFE
OFF
Can be
enabled
OFF
ON
ON
OFF
ON
3.3 µA
4.4 µA
Active-halt
w/ full RTC
HALT
OFF
ON
ON
OFF
ON
1.0 µA(1)
1.4 µA
Active-halt
w/ RTC
on LSI
OFF
ON
OFF
ON
0.8 µA(1)
1.2 µA
Halt
OFF
OFF OFF
ON
0.4 µA(1)
1 µ A
1. Internal reference voltage and BOR off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com