Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 7Page - STMicroelectronics AN3147 Datasheet HTML 8Page - STMicroelectronics AN3147 Datasheet HTML 9Page - STMicroelectronics AN3147 Datasheet HTML 10Page - STMicroelectronics AN3147 Datasheet HTML 11Page - STMicroelectronics AN3147 Datasheet HTML 12Page - STMicroelectronics AN3147 Datasheet HTML 13Page - STMicroelectronics AN3147 Datasheet HTML 14Page - STMicroelectronics AN3147 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID17035 Rev 3
11/25
AN3147
Clock management
24
3.3
Clock configuration and power management
In addition to the flexibility of the clock sources, different complementary clock
configurations and features are available to optimize the power consumption of the device:
Each peripheral clock can be switched on/off through the CLK_PCKENRx registers.
System clock divider from 1 to 8 (HSIDIV[1:0] bits in the CLK_CKDIVR register) is
available on STM8L101xx devices.
System clock divider from 1 to 128 (CKM[2:0] bits in the CLK_CKDIVR register) is
available on STM8L05xxx, STM8L15xxx, STM8L162xx, STM8AL31xx and
STM8AL3Lxx devices.
Note:
System clocks are used to supply both CPU and peripherals.
The STM8L and STM8AL devices are focused on low consumption. This is why all
peripheral clocks are gated by default. Before accessing any peripheral register, it is
mandatory to enable the clock for the given peripheral.
3.4
Clock selection vs. power consumption
The selected clock type and speed is one of the major factors influencing power
consumption of the MCU. In general, there are two parts in consumptions:
A static part, depending on the number of enabled peripherals (mainly analog ones)
A dynamic part, directly proportional to clock speed (increasing with higher clock
speed)
Note:
The values given above are measured with all peripherals disabled.
Slowing down the clock decreases the immediate consumption but this is not the ideal
solution in many cases. By slowing down the clock, the CPU performance is also reduced.
Therefore, a longer time is required to perform an action or computation. If we consider the
average consumption, it might be better to use the highest available clock speed to perform
the required operation, and force the MCU to one of the low power modes (like Active-halt
mode) for the remaining time frame. This should be taken into account during the design of
application flowcharts.
IDD
fIDynamicRun AMHz

IStatic A

+
=
IDD
STM8L101xx

f 150 mA MHz

215 mA

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com