Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3147 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3147
Description  Power management in STM8L and STM8AL
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3147 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3147 Datasheet HTML 16Page - STMicroelectronics AN3147 Datasheet HTML 17Page - STMicroelectronics AN3147 Datasheet HTML 18Page - STMicroelectronics AN3147 Datasheet HTML 19Page - STMicroelectronics AN3147 Datasheet HTML 20Page - STMicroelectronics AN3147 Datasheet HTML 21Page - STMicroelectronics AN3147 Datasheet HTML 22Page - STMicroelectronics AN3147 Datasheet HTML 23Page - STMicroelectronics AN3147 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Power management tips
AN3147
20/25
DocID17035 Rev 3
5
Power management tips
5.1
Choosing the optimal low-power mode for your application
Different low power modes can be selected depending on your application:
Application powered by a battery where the MCU is in sleep mode most of the time:
–
If the MCU is woken up due to external events, no time tracking is necessary and
power consumption has to be as low as possible. Then, Halt mode is advised to
extend battery life as much as possible.
–
Active-halt mode with AWU/RTC clocked by the LSI is advised if the application
does not only depend on external events, but needs a non accurate periodic
wakeup. The LSE can be used to achieve a high timing precision.
Application powered by a battery where the MCU is awake most of the time:
–
Active-halt mode is advised if the MCU has to perform a few periodic actions
during which no peripheral has to remain enabled.
–
Wait mode is advised if at least one peripheral has to remain enabled all the time
and an interrupt or event can wake up the MCU.
Application supplied by mains but where consumption is critical:
–
Run mode, with a clock prescaler adapted to the application requirement, is
advised if the MCU has to run all the time and low power modes cannot be used.
5.2
GPIO initialization
By default, the I/Os are configured as floating input.
It is important to change the configuration of all I/Os that are not connected to defined logic
signals so as to obtain one of the following configurations:
input configuration with pull-up
or, output configuration with a low (or high) logic level
Otherwise, an increased consumption is generated by noise, as the internal Schmitt triggers
detecting this noise are toggling.
Floating I/Os could generate additional consumption in the range of a few 10 µA.
There are also parts with some unbonded I/Os (typically different packages of the same
product). Those I/Os are connected to a defined level by factory option configuration, unless
otherwise specified in the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com