Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 3Page - STMicroelectronics AN3408 Datasheet HTML 4Page - STMicroelectronics AN3408 Datasheet HTML 5Page - STMicroelectronics AN3408 Datasheet HTML 6Page - STMicroelectronics AN3408 Datasheet HTML 7Page - STMicroelectronics AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID018867 Rev 4
7/38
AN3408
Memory organization for STMicroelectronics ISO/IEC 15693 products
1
Memory organization for STMicroelectronics
ISO/IEC 15693 products
The ST ISO/IEC 15693 contactless tag (LRI1K, LRI2K, LRIS2K, LRIS64K) and the dual
interface memory (M24LRxx) is divided into three different areas:
•
User memory area, where the user can read and write data.
•
System area, which contains UID, DSFID and AFI fields.
•
Protection system area, which contains the user memory area protection.
Access rights to the different memory fields are given in Table 2.
For more details on the protection system, refer to the corresponding STMicroelectronics
datasheet.
1.1
User memory area
The user memory stores NDEF messages. This area can be write-protected by the user.
The user memory size depends on ISO/IEC 15693 contactless tag, as shown in Table 3.
Note:
M24LR64E-R and M24LR16E-R have a specific format for read and write commands. Their
block number is coded on two bytes instead of one. For more details, refer to LRIS64K,
M24LR16E-R and M24LR64E-R datasheets.
Table 2. Access rights to memory fields
Operation
User memory
area
System area
Protection
system
UID
DSFID and AFI
Read
Yes
Yes
Yes
Yes
Write
Yes
No
Yes
Yes
Lock
Yes
Locked by IC
manufacturer
Yes
NA
Table 3. ST ISO/IEC 15693 memory size
LRI1K
LRI2K
LRIS2K
LRIS64K
M24LR04E-R M24LR16E-R M24LR64E-R
User memory
size
1
kbit
2
kbits
2
kbits
64 kbits
2
kbits
16
kbits
64
kbits
128 bytes
256 bytes
256 bytes
8192 bytes
512 bytes
2048 bytes
8192 bytes
First RF block
0
0
0
0
0
0
0
Last RF block
31
63
63
2047
127
511
2047
NDEF memory
size
128 bytes
(1)
256 bytes
(1)
256 bytes
(1)
8192 bytes
(1) (2)
512 bytes (1)
2048 bytes
(1) (2)
8192 bytes
(1) (2)
1.
NDEF memory size includes User area and CC field memory area.
2.
If NDEF message size exceeds 2040 bytes, bit 2 of CC3 shall be set (see Chapter 2.2: Capability container field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com