Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics AN3408 Datasheet HTML 18Page - STMicroelectronics AN3408 Datasheet HTML 19Page - STMicroelectronics AN3408 Datasheet HTML 20Page - STMicroelectronics AN3408 Datasheet HTML 21Page - STMicroelectronics AN3408 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Example of NDEF record
AN3408
18/38
DocID018867 Rev 4
4.1.1
Memory mapping for text record type on LRI2K
Each message character is written in hexadecimal.
4.2
URI record
Example 2: This example defines an NDEF message which is made of one single record.
The message is the URL “http://www.st.com”.
The record header is 0xD1.
In this case, the payload is 0x01 and “st.com”.
Table 24. LRI2K memory mapping for “ISO15693 as NFC tag” NDEF message
RF block
Byte number
0
1
2
3
0
CC field
0xE1
0x10
0x20
0x00
1
User data field
0x03
0x1A
0xD1
0x01
2
0x16
0x54
0x02
0x65[e]
3
0x6E[n]
0x49[I]
0x53[S]
0x4F[O]
4
0x31|1]
0x35[5]
0x36[6]
0x39[9]
5
0x33[3]
0x20[ ]
0x61[a]
0x73[s]
6
0x20[ ]
0x4E[N]
0x46[F]
0x43[C]
7
0x20[ ]
0x74[t]
0x61[a]
0x67[g]
8
0xFE
Table 25. URI record message structure
NDEF data
T
L
V as defined into URI Record Definition document(1)
1.
Refer to [URI] document
– on page 1.
Terminator
0x03
0x0B
0xD1
0x01
0x07
0x55
0x01
“st.com”
0xFE
Type
NDEF
message
TLV
Length (11 bytes)
Record head
Type length
Payload length (07 bytes)(2)
2.
Payload length = URI identifier + UTF-8 string length = 1 + 6 = 7d.
Type (U value) for URI record type
URI header identifier (http://www.)
URI body Identifier in UTF-8 string
Terminator TLV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com