Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 24Page - STMicroelectronics AN3408 Datasheet HTML 25Page - STMicroelectronics AN3408 Datasheet HTML 26Page - STMicroelectronics AN3408 Datasheet HTML 27Page - STMicroelectronics AN3408 Datasheet HTML 28Page - STMicroelectronics AN3408 Datasheet HTML 29Page - STMicroelectronics AN3408 Datasheet HTML 30Page - STMicroelectronics AN3408 Datasheet HTML 31Page - STMicroelectronics AN3408 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Example of NDEF record
AN3408
28/38
DocID018867 Rev 4
4.5.2
Simplified Bluetooth record for a single carrier wave
The simplified Bluetooth record will propose one alternative carrier. In this case, the NDEF
message will contain only one record: the Bluetooth OOB record.
Table 44. Simplified Bluetooth record for a single carrier wave
0xD2
0x20
0x21
(1)
0x21
00
(2)
0x0D
0x09
(3)
0x04
0x0D
(4)
0x05 0x03
(5)
Record
header
Record type
length
Payload length
Record type
'application/vnd.bluetooth.ep.oob'
OOB optional data length
Bluetooth device address: 01:bf:88:80:07:03
EIR data length
EIR data type
Bluetooth local name: DeviceName
EIR data length
EIR data type
Class of Device:
0x20: Service class = Audio
0x04: Major Device class = Audio/Video
0x04: Minor Device class = Wearable headset device
EIR data length
EIR data type
16-bit Service Class UUID list
1.
0x61 70 70 6C 69 63 61 74 69 6F 6E 2F 76 6E 64 2E 62 6C 75 65 74 6F 6F 74 68 2E 65 70
2.
0x 03 07 80 88 BF 01
3.
0x 48 65 61 64 53 65 74 20 4E 61 6D 65
4.
0x 04 04 20
5.
0x1E 11 0B 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com