Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 21Page - STMicroelectronics AN3408 Datasheet HTML 22Page - STMicroelectronics AN3408 Datasheet HTML 23Page - STMicroelectronics AN3408 Datasheet HTML 24Page - STMicroelectronics AN3408 Datasheet HTML 25Page - STMicroelectronics AN3408 Datasheet HTML 26Page - STMicroelectronics AN3408 Datasheet HTML 27Page - STMicroelectronics AN3408 Datasheet HTML 28Page - STMicroelectronics AN3408 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID018867 Rev 4
25/38
AN3408
Example of NDEF record
Table 40 below details the record header 0xD1. For more details about the record header
meaning, refer to a): Record head byte.
Table 39. Alternative carrier record
0xD1
0x02
0x04
0x61 63
0x03
0x01
0x30
0x00
Record header
Record type length
Payload length
Record type 'ac'
Carrier flags CPS = 3 "unknown"
Carrier data reference length
Carrier data reference "0"
Auxiliary data reference count: 0
Table 40. Record header = 0xD1
MB
ME
CF
SR
IL
TNF
11
0
1
0
0b001
This is the first record
This is the last record
This record is the terminating record chunk
The payload length is on one byte
ID length field is omitted
Indicates the structure of the type field (see Table 15)
Table 41. Bluetooth carrier configuration record
0x5A
0x20 0x1F 0x01
(1)
0x30 0x1F 00
(2)
0x04
0x0D
(3)
0x05 0x03
(4)
0x0B 0x09
(5)
Record
header
Record type
length
Payload length
Payload Id length
Record type
'application/vnd.bluetooth.ep.oob'
Payload ID: '0'
Bluetooth OOB Data length
Bluetooth device address: 01:bf:88:80:07:03
EIR data length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com