Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
NDEF data
AN3408
12/38
DocID018867 Rev 4
2.3.2
L field format
The L field can be either coded on 1 or 3 bytes, as shown in Table 13.
2.3.3
V field: NDEF message
The V field is composed of a record head byte, the NDEF message and TLV terminator. The
record head byte is described in a): Record head byte.
An application example is given to illustrate a TLV field: it is a URL, as specified in the “URI
Record Type Definition” document (NFC forum). see Chapter 4.2: URI record.
a)
Record head byte
An NDEF message can contain 1 or more NDEF records. The record head byte gives some
information on the current NDEF record.
The different fields of record head byte are described in Table 14.
b)
Type name format field values
The type name format (TNF) is a 3 bits value that indicates the structure of the value of the
type field.
Table 13. L field byte format
Byte format
Byte number
Value
1
1
0x00 to 0xFE
3
1
0xFF
3
0x00FF to 0xFFFE(1)
1.
The 0xFF FFFF value is the concatenation of the bytes 0xFF and 0xFFFF.
Table 14. Record head byte fields description
Name
Bit
Function
MB (message begin)
7
1: This record is the first of NDEF message.
0: This record is not the first of NDEF message.
ME (message end)
6
1: This record is the last of NDEF message.
0
: This record is not the last of NDEF message.
CF (chunk flag)
5
1: this record is the initial or middle record chunk.
0: this record is the terminating record chunk.
SR (short record)
4
1: the payload(1) length is on one byte.
1.
Payload is NDEF message body.
0: the payload(1) length is more than one byte.
IL (ID_length flag)
3
1: ID length field is present.
0: ID length field is omitted.
TNF
2:0
TNF indicates the structure of the type field (see Table 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com