Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics AN3408 Datasheet HTML 18Page - STMicroelectronics AN3408 Datasheet HTML 19Page - STMicroelectronics AN3408 Datasheet HTML 20Page - STMicroelectronics AN3408 Datasheet HTML 21Page - STMicroelectronics AN3408 Datasheet HTML 22Page - STMicroelectronics AN3408 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID018867 Rev 4
19/38
AN3408
Example of NDEF record
4.2.1
Memory mapping for URI record message on LRI2K
4.3
Smart poster record
The smart poster record can be composed of one or more NDEF records, and one of these
records can be an "action":
•
the Title record
•
the URI record
•
the Action record
•
the Icon record
•
the Size record
•
the Type record
4.3.1
Title record
The title record is a text record. For more details, please refer to Section 4.1: Text record.
4.3.2
URI record
For more details on URI record, please refer to Section 4.2: URI record.
4.3.3
Action record
The action record defines a local action of the previous record. It can be, for example,
launching a web browser or sending an SMS.
The "smart poster record type definition" specification defines the available actions. Those
actions are listed in Table 27 below.
Table 26. LRI2K memory mapping for URI record message “http://www.st.com”
RF block
Byte number
0
1
2
3
0
CC field
0xE1
0x40
0x20
0x01
1
User data field
0x03
0x0B
0xD1
0x01
2
0x07
0x55
0x01
0x73[s]
3
0x74[t]
0x2E[.]
0x63[c]
0x6F[o]
40x6D[m]
0xFE
Table 27. List of available actions
Value
Action
0x00
Do the action (send the SMS, launch the browser, make the telephone call)
0x01
Save for later (store the SMS in INBOX, put the URI in a bookmark, save
the telephone number in contacts)
0x02
Open for editing (open an SMS in the SMS editor, open the URI in a URI
editor, open the telephone number for editing)
0x3 to 0xFF
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com