Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics AN3408 Datasheet HTML 18Page - STMicroelectronics AN3408 Datasheet HTML 19Page - STMicroelectronics AN3408 Datasheet HTML 20Page - STMicroelectronics AN3408 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
DocID018867 Rev 4
17/38
AN3408
Example of NDEF record
4
Example of NDEF record
4.1
Text record
Example 1: With the text “ISO15693 as NFC tag”, the structure of the NDEF message is
described in Table 23.
The record header is 0xD1.
The value of payload is 0x02 + “en” + “ISO15693 as NFC tag”.
Table 23. “ISO15693 as NFC tag” NDEF message structure
T
L
V as defined into NFC document (1)
1.
Refer to [TEXT] document – on page 1
.
Terminator
0x03
0x1A
0xD1
0x01
0x16
0x54
0x02
“en”
“ISO15693
as NFC tag”
0xFE
Type
NDEF
message
TLV
Length (26 bytes)
Record head
Type length
Payload length (22 bytes) (2)
2.
Payload length = status byte + Language code + UTF-8 string length = 1 + 2 + 19 = 22d.
Type (T value) for text record type
Status byte (UTF-8 and 2 bytes for language code)
Language code “en” is the ISO code for English (UTF-8 string)
UTF-8 string
Terminator TLV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com