Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 6Page - STMicroelectronics AN3408 Datasheet HTML 7Page - STMicroelectronics AN3408 Datasheet HTML 8Page - STMicroelectronics AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
NDEF data
AN3408
10/38
DocID018867 Rev 4
Read access condition values defined by bit 3 and bit 4 of CC1 byte are described in
Table 8.
Write access condition values defined by bit 0 and bit 1 of CC1 byte are described in
Table 9. Write access condition values depend on the product. For more details, refer to the
corresponding STMicroelectronics datasheet.
Note:
Bit 2 and bit 3 of CC1 byte (read access values) shall be reset to 0b00 value.
The user shall set the write protection bit according to bit 0 and bit 1 of CC1 byte. For more
details, refer to the definition of the lock command in the corresponding STMicroelectronics
datasheet.
Example 1
1.
If bit number 2 of CC3 is set, the memory size exceeds 2040 bytes (CC2 overflow). The real memory size can be obtained
with the GetSystemInformation command. For more information about the GetSystemInformation command, refer to the
corresponding STMicroelectronics datasheet.
Table 8. Read access condition
Read access condition value
Description
0b00
Free read access
0b01
RFU
0b10
RFU
0b11
RFU
Table 9. Write access condition
Write access
condition value
Description
LRI1k, LRI2k
LRIS2k, LRIS64k,
M24LR64-R
0b00
Free write access
Yes
Yes
0b01
RFU
No
No
0b10
Write password access (data can be
written after sending a password)
No
Yes
0b11
No write access
Yes
Yes
Table 10. CC field example
Byte name
Value
Bit
Function
CC0
0xE1
7:0
Magic number
CC1
0x40
7:6
Major version number: 0b01
5:4
Minor version number: 0b00
3:2
Read access condition: 0b00 (free read access)
1:0
Write access condition: 0b00 (free write access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com