Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3408 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 19Page - STMicroelectronics AN3408 Datasheet HTML 20Page - STMicroelectronics AN3408 Datasheet HTML 21Page - STMicroelectronics AN3408 Datasheet HTML 22Page - STMicroelectronics AN3408 Datasheet HTML 23Page - STMicroelectronics AN3408 Datasheet HTML 24Page - STMicroelectronics AN3408 Datasheet HTML 25Page - STMicroelectronics AN3408 Datasheet HTML 26Page - STMicroelectronics AN3408 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DocID018867 Rev 4
23/38
AN3408
Example of NDEF record
The following is an example of a vCard file containing information for one person:
BEGIN:VCARD
VERSION:2.1
N:Gump;Forrest
FN: Mr. john doe
ORG: MMS
TITLE: application field engineer
TEL;WORK;VOICE:(111) 555 5453
TEL;WORK;FAX:(404) 555 6463
ADR;WORK;PREF;ENCODING=QUOTED-PRINTABLE:;;coq;Rousset;bouches du
rhones;131006;FRANCE LABEL;WORK;PREF;ENCODING=QUOTED-
PRINTABLE:coq=0D=0A=131006 Rousset=0D=0A=FRANCE
URL;WORK:www.st.com EMAIL;PREF;INTERNET:john.doe@st.com
REV:20120417T121053Z
END:VCARD
4.5
Bluetooth record
The Bluetooth record was defined to simplify the pairing between a host and a Bluetooth
device. The host shall know the Bluetooth address to initialize the communication with the
Bluetooth device. The NDEF message contains the information required on the Bluetooth
device (its address, name, class…) to identify it and to promptly initialize a communication
between the host and the Bluetooth device. For example, the host is an NFC mobile phone
and the Bluetooth device is a headset. The contactless tag that contains the NDEF
message, thus the Bluetooth record, is on the headset. The NFC mobile phone will first read
the NDEF message and then initialize the Bluetooth communication with the headset.
The Bluetooth record is defined in the NFC forum application document and provides the
required information to carry out the pairing between the host and the Bluetooth device.
The Bluetooth record is composed of three records, as shown in the following table.
Table 35. Record header = 0xC2
MB
ME
CF
SR
IL
TNF
11000
0b010
This is the first
record
This is the last record
This record is the terminating record chunk
The payload length is on four bytes
ID length field is omitted
Indicates the structure of the type field (see Table 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com