Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 9Page - STMicroelectronics UM0843 Datasheet HTML 10Page - STMicroelectronics UM0843 Datasheet HTML 11Page - STMicroelectronics UM0843 Datasheet HTML 12Page - STMicroelectronics UM0843 Datasheet HTML 13Page - STMicroelectronics UM0843 Datasheet HTML 14Page - STMicroelectronics UM0843 Datasheet HTML 15Page - STMicroelectronics UM0843 Datasheet HTML 16Page - STMicroelectronics UM0843 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
UM0843
Block descriptions
Doc ID16543 Rev 2
13/48
By default the external configuration of the SMII-3 Ethernet PHYs is selected as shown in
Table 6.
Table 5.
SMII-2 PHY jumpers
Jumper
Description
Default configuration
JP23, JP24, JP25
SMII PHY U19 mode configuration:
Default: JP23-open, JP24-fitted, JP25-open:
Set U19 to work as SMII function
JP20, JP21, JP22
SMII PHY U19 addresses configuration:
Default: JP20-open, JP21-open, JP22-open:
Set SMII-2 PHY address: 0x03
JP26
ISOLATE mode:
Pull-up = Enable
Pull-down (default) = Disable
JP27
Nway auto-negotiation enable:
Pull-up (default) = Enable auto-negotiation
Pull-down = Disable auto-negotiation
JP28
Speed mode:
Pull-up (default) = 100 Mbps
Pull-down = 10 Mbps
JP29
Duplex mode:
Pull-up (default) = Half duplex
Pull-down = Full duplex
Table 6.
SMII-3 PHY jumper
Jumper
Description
Default configuration
JP33, JP34, JP35
SMII PHY U20 mode configuration:
Default: JP33-open, JP34-fitted,JP35-open:
Set U20 to work as SMII function
JP30, JP31, JP32
SMII PHY U20 addresses configuration:
Default: JP30-open, JP31-open, JP32-open:
Set SMII-3 PHY address: 0x05
JP36
ISOLATE mode:
Pull-up = Enable
Pull-down (default) = Disable
JP23
JP24
JP25
JP20
JP21
JP22
JP26
JP27
JP28
JP29
JP33
JP34
JP35
JP30
JP31
JP32
JP36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com