Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 19Page - STMicroelectronics UM0843 Datasheet HTML 20Page - STMicroelectronics UM0843 Datasheet HTML 21Page - STMicroelectronics UM0843 Datasheet HTML 22Page - STMicroelectronics UM0843 Datasheet HTML 23Page - STMicroelectronics UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics UM0843 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
UM0843
Block descriptions
Doc ID16543 Rev 2
23/48
6.19
Jumper settings
Bits 3, 4, and 5 allow you to set the Functional configuration. The default configuration is
Configuration 3.
Table 17.
SW3 (SoC functional configuration)
Bit
Description
1
Test0 - refer to the table below for the configuration settings
2
Test1 - refer to the table below for the configuration settings
3
Test2 - refer to the table below for the configuration settings
4
Test3 - refer to the table below for the configuration settings
5
Test4 - refer to the table below for the configuration settings
6
BootSel - refer to the table below for the configuration settings
Table 18.
SW3 (debug configuration)
Test bit
Description
12
0
0
Normal Mode (No debug enabled)
0
1
ARM1 JTAG connected to J26
1
0
The ARM ETM bus available, but not linked out on this board.
Table 19.
SW3 (functional configuration)
Test bit
Description
6543
1011
Configuration 3
Table 20.
SW2 strapping options
SW2-x
Description
Settings
SW2_1
Little/Big endian
0
Little endian (default)
1
Big endian
SW2_2
EMI_ACK#
0
ACK enabled
1GPIO
SW2_3
NAND bus width
0
8-bit NAND Flash
1
16-bit NAND Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com