Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 35Page - STMicroelectronics UM0843 Datasheet HTML 36Page - STMicroelectronics UM0843 Datasheet HTML 37Page - STMicroelectronics UM0843 Datasheet HTML 38Page - STMicroelectronics UM0843 Datasheet HTML 39Page - STMicroelectronics UM0843 Datasheet HTML 40Page - STMicroelectronics UM0843 Datasheet HTML 41Page - STMicroelectronics UM0843 Datasheet HTML 42Page - STMicroelectronics UM0843 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
UM0843
Evaluation board bill of materials (BOM)
Doc ID16543 Rev 2
39/48
79
Resistor/390Kohm/NO/
1%/SR0603
1
R351
390K-0603
80
Resistor/43R2ohm/NO/
1%/SR0603
1
R360
43.2-0603
81
Resistor/120Kohm/NO/
1%/SR0603
1
R406
120k
82
Push button/4-
pin/6x6 mm/RA/TH
TS6601V
Kingtek
1
SW1
PUSHBUTTOM
83
Slide switch/8
ways/1.27 mm
pitch/SMT
CHS-08TB1
COPAL
1
SW2
SW DIP-8
84
Slide switch/6
ways/1.27 mm
pitch/SMT
CHS-06TB1
COPAL
1
SW3
SW DIP-6
85
Test terminal/1.02 mm
hole/1-pin/TH
20-2137
VERO
11
TP1, TP2, TP3, TP4,
TP5, TP6, TP7, TP16,
TP17, TP19, TP20
TEST_POINT
86
Transformer/Dual
ports/1CT:1:0.8/T1/sop
16-50-370
TX1099
PULSE
1
T1
TRANS TX1099
87
Clock driver/3.3V
CMOS/1 input 10
output/QSOP20
PI49FCT3807
BQE
Pericom
1
U1
PI49FCT3807BQE+
AMX
88
Oscillator 125 MHz
1
U2
OSC-125MHz
89
CMOS switch/4
ways/QSOP16
QS3125QG
IDT
3
U3, U36, U37
IDTQS3125QG
90
NAND Flash/8 Gbit/8
bit/3.3 V/TSOP48/
NAND08GW3
B2CN6
numonyx/S
T
1U4
NAND08GW3B2CN
6
91
CMOS switch/10
ways/QSOP24
QS3861QG
IDT
1
U5
IDTQS3861QG
92
Transceiver/E1/CEPT/L
QFP100
DS21354L
MAXIM
1
U6
DS21354
93
Flash/64 Mbit/16 bit/3.3
V/boot block/TSOP48/
M28W640HC
T70N6E
numonyx
2
U7, U10
M28W640HCT
94
D-type
latch/16 bit/TSSOP48
74LCX16373T
TR
ST
2
U8, U9
74LCX16373TTR
95
Reset IC/3V/SOT143-
4/RoHs
STM811SW16
F
ST
1
U11
STM811
96
Buffer/8 bit/TSSOP20
74LCX244TT
R
ST
1
U12
74LCX244TTR
97
Switching Power/2.7 V-
5.5 V/1.5 V-1.8 V/3.9 A-
6.1 A/ QFPN48 7x7
PM6641
ST
1
U13
PM6641
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com