Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics UM0843 Datasheet HTML 34Page - STMicroelectronics UM0843 Datasheet HTML 35Page - STMicroelectronics UM0843 Datasheet HTML 36Page - STMicroelectronics UM0843 Datasheet HTML 37Page - STMicroelectronics UM0843 Datasheet HTML 38Page - STMicroelectronics UM0843 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
UM0843
Evaluation board bill of materials (BOM)
Doc ID16543 Rev 2
35/48
46
NPN
Transistor/30 V/30 V/6
V/ 0.1 A/0.33 W/SOT23
BC848A
Infineon
1
Q4
BC848
47
Resistor
Array/33Rohm/63 mW/
5%/SR0603X4
8
RN1, RN2, RN3, RN4,
RN5, RN6, RN7, RN8
33, 1%
48
Resistor/33Rohm/NO/1
%/SR0603/
101
R1, R3, R4, R5, R6,
R8, R18, R19, R20,
R21, R22, R23, R24,
R25, R26, R27, R28,
R29, R36, R37, R38,
R39, R40, R41, R69,
R70, R71, R74, R75,
R76, R127, R128,
R130, R134, R135,
R136, R154, R157,
R158, R159, R189,
R192, R193, R194,
R224, R227, R228,
R229, R259, R262,
R263, R264, R367,
R368, R369, R372,
R374, R389, R401,
R500, R501, R502,
R503, R504, R505,
R506, R507, R508,
R509, R510, R511,
R512, R513, R514,
R515, R516, R517,
R518, R519, R520,
R521, R522, R523,
R524, R525, R526,
R527, R529, R531,
R532, R533, R534,
R535, R600, R601,
R627, R628, R630,
R635, R636, R637
33-0603
49
Resistor/33Rohm/NO/1
%/SR0603
8
R2, R9, R370, R371,
R373, R393, R402,
R403
33-0603-NO POP
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com