Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 17Page - STMicroelectronics UM0843 Datasheet HTML 18Page - STMicroelectronics UM0843 Datasheet HTML 19Page - STMicroelectronics UM0843 Datasheet HTML 20Page - STMicroelectronics UM0843 Datasheet HTML 21Page - STMicroelectronics UM0843 Datasheet HTML 22Page - STMicroelectronics UM0843 Datasheet HTML 23Page - STMicroelectronics UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
UM0843
Block descriptions
Doc ID16543 Rev 2
21/48
6.9
NAND Flash
The NAND Flash is connected to the EMI interface of CPU, one NAND Flash (U4) is
available on the board, the bit-width is 8-bit, and the current memory size is 8GMbit.
6.10
Serial NOR Flash
There are two serial NOR Flash, one Serial NOR Flash (U26) is connected to the SMI
interface of CPU, the bit-width is 8-bit, and the current memory size is 64Mbit; the another
serial NOR FLASH (U29) is connected to the SPI interface of CPU, the bit-width is 8-bit, and
the current memory size is 4Mbit.
6.11
Parallel NOR Flash
There are two Parallel NOR FLASH (U7, U10) connected to the EMI interface of CPU, the
bit-width is 32-bit, and the current memory size is 128Mbit.
6.12
EEPROM
The EEPROM is connected to the I2C interface of CPU, one EEPROM (U28) is available on
the board, the bit-width is 8-bit, and the current memory size is 4Kbit.
6.13
DDR2 SDRAM
The DDR2 SDRAM is connected to the DDR2 interface of CPU, one DDR2 SDRAM (U23) is
available on the board, the bit-width is 16-bit, and the current memory size is 1Gbit.
JP3
NOR Flash is mapped to EMI CSn2
memory space:
0x70000000
JP4
NOR Flash is mapped to EMI CSn3
memory space:
0x80000000
JP5
NOR Flash is mapped to EMI CSn4
memory space:
0x90000000
JP6
NOR Flash is mapped to EMI CSn5
memory space:
Table 16.
Memory space map jumpers of NOR Flash (continued)
Jumper
Description
Configuration
12
12
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com