Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 27Page - STMicroelectronics UM0843 Datasheet HTML 28Page - STMicroelectronics UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics UM0843 Datasheet HTML 34Page - STMicroelectronics UM0843 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
UM0843
Evaluation board bill of materials (BOM)
Doc ID16543 Rev 2
31/48
8
Evaluation board bill of materials (BOM)
Table 32.
SPEAr310 bill of materials (BOM)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part
1
Capacitor/100 nF/16 V/
10%/SC0603/X7R
119
C1, C2, C3, C4, C6,
C7, C8, C9, C10, C14,
C15, C16, C17, C18,
C19, C20, C21, C24,
C25, C26, C29, C32,
C40, C52, C54, C55,
C56, C61, C62, C64,
C65, C66, C68, C69,
C70, C73, C79, C80,
C82, C83, C84, C86,
C87, C88, C94, C95,
C97, C98, C99, C101,
C102, C103, C109,
C110, C112, C113,
C114, C116, C117,
C118, C120, C123,
C124, C125, C126,
C127, C128, C129,
C130, C131, C132,
C133, C134, C135,
C136, C137, C138,
C139, C140, C143,
C146, C147, C148,
C149, C150, C154,
C155, C156, C158,
C160, C161, C192,
C193, C194, C195,
C196, C197, C198,
C199, C200, C201,
C202, C203, C204,
C205, C209, C210,
C211, C212, C213,
C214, C215, C216,
C217, C218, C219,
C220, C221, C655
0.1uF-0603
2
Capacitor/1 uF/16 V/10
%/SC1206/X7R
1
C5
1uF-1206
3
Capacitor/10 uF/16 V/1
0%/SC1206/X7R
CL31F106ZPA
E
SNMSUNG 12
C23, C31, C33, C34,
C35, C36, C39, C43,
C44, C51, C53, C657
10uF-1206
4
Capacitor/33 nF/16 V/1
0%/SC0603/X7R
1
C27
33nF-0603
5
Capacitor/100 uF/25 V/
100%/0.9 ohm/NO/STC
7343/Tan/RoHS
TAJD107K025
RNJ
AVX
1
C28
100u-TAJ-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com