Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 18Page - STMicroelectronics UM0843 Datasheet HTML 19Page - STMicroelectronics UM0843 Datasheet HTML 20Page - STMicroelectronics UM0843 Datasheet HTML 21Page - STMicroelectronics UM0843 Datasheet HTML 22Page - STMicroelectronics UM0843 Datasheet HTML 23Page - STMicroelectronics UM0843 Datasheet HTML 24Page - STMicroelectronics UM0843 Datasheet HTML 25Page - STMicroelectronics UM0843 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Block descriptions
UM0843
22/48
Doc ID16543 Rev 2
6.14
CPLD
The board includes a XILINX CPLD (U38) that implement E1 PHY initial configuration,
HDLC-RS485 on-board clocks generation, HDLC-TDM on-board clocks/syncs generation
and timing matching for CPU EMI bus to access E1 PHY internal registers.
J8 is the connector for CPLD JTAG emulator to download programming file.
6.15
LEDs
There are 2 general purpose LEDs (D33,D34) available on the left side of the board. All
LEDs are driven on when the related CPLD IO pin is driven high.
GPIO59 (D33), GPIO58 (D34)
6.16
Reset button
A manual reset button (SW1) is available on the board's right side.
6.17
Debug Interface
A debug interface is provided:
The JTAG interface provides "static" debug capability. This means that it is possible to set a
breakpoint and, when the system stops, to verify the contents of the memory and/or
registers and modify them if needed.
6.18
Power supply
This block, receiving 5V from an external AC/DC regulator will provide all the
Voltage needed that are:
●
1.2V (Switching regulator PM6641) to supply the internal logic of SPEAr310
●
1.8V (Switching regulator PM6641) for the DDR2memory
●
2.5V (LDO 1117A regulator) for the analog portion of SPEAr310
●
3.3V (Switching regulator PM6641) to supply the other interfaces
The board is protected against over voltage by U61 (STBP120DVDK6F).
A power monitor is also present to provide the general reset for the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com