Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 37Page - STMicroelectronics UM0843 Datasheet HTML 38Page - STMicroelectronics UM0843 Datasheet HTML 39Page - STMicroelectronics UM0843 Datasheet HTML 40Page - STMicroelectronics UM0843 Datasheet HTML 41Page - STMicroelectronics UM0843 Datasheet HTML 42Page - STMicroelectronics UM0843 Datasheet HTML 43Page - STMicroelectronics UM0843 Datasheet HTML 44Page - STMicroelectronics UM0843 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
UM0843
Evaluation board bill of materials (BOM)
Doc ID16543 Rev 2
41/48
120
Zener
Diode/5.6 V/0.5 A/0.5
W
MMSZ5232BT
1
Onsemi
1
Z1
MMSZ5232BT1
121
Bat/3V/220 mAh/CR20
32
CR2032
TMMQ
1
122
LED/RED/SLED0805
2
D2, D3
RED-NO POP
123
Resistor/680Rohm/NO/
1%/
SZDZ6201CR
0603F680R
ROYALOH
M
16
R73, R112, R375,
R376, R377, R378,
R379, R380, R381,
R382, R383, R384,
R385, R386, R387,
R388
680-0603
124
Resistor/330Rohm/NO/
1%/
2
R390, R391
330-0603-NO POP
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com