Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0843 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0843
Description  EVALSPEAr310 - evaluation board for the SPEAr310
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0843 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0843 Datasheet HTML 28Page - STMicroelectronics UM0843 Datasheet HTML 29Page - STMicroelectronics UM0843 Datasheet HTML 30Page - STMicroelectronics UM0843 Datasheet HTML 31Page - STMicroelectronics UM0843 Datasheet HTML 32Page - STMicroelectronics UM0843 Datasheet HTML 33Page - STMicroelectronics UM0843 Datasheet HTML 34Page - STMicroelectronics UM0843 Datasheet HTML 35Page - STMicroelectronics UM0843 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Evaluation board bill of materials (BOM)
UM0843
32/48
Doc ID16543 Rev 2
6
Capacitor/22 uF/25 V/2
0%/1.4 ohm/NO/STC60
32/Tan/RoHS
TAJC226M02
5RNJ
AVX
13
C30, C58, C67, C71,
C76, C85, C89, C91,
C115, C119, C229,
C235, C237
22uF-TAJ-R NO
POP
7
Capacitor/470 pF/SC06
03/X7R(X5R, Y5V,
C0G)
CL10B471KB
NC
SNMSUNG 1
C37
470pF-0603
8
Capacitor/22 nF/10 V/1
0%
3
C38, C41, C42
22nF-0603
9
Capacitor/2.2 nF/NO/N
O/SC0603
CL
10B222KBNC
SNMSUNG 1
C45
2.2nF-0603
10
Capacitor/47 uF/10 V/2
0%/1.2 ohm/NO/STC60
32/Tan/
TCSCS1A476
MCAR
SNMSUNG 4
C46, C50, C72, C656
47uF-TAJ-R
11
Capacitor/220 uF/16 V/
20%/0.5 ohm/NO/STC7
343/Tan/
TAJE227M016
RNJ
AVX
2
C48, C658
220uF-TAJ-R
12
Capacitor/10 uF/25 V/2
0%/NO/NO/STC6032/T
an/
25
C57, C75, C90, C100,
C104, C105, C106,
C206, C207, C208,
C222, C224, C225,
C226, C228, C230,
C231, C232, C233,
C234, C236, C238,
C239, C240, C241
10uF-TAJ-R
13
Capacitor/1 nF/2 kV/N
O/SC1206/NO
10
C59, C60, C77, C78,
C92, C93, C107, C108,
C244, C245
1000pF-1206
14
Capacitor/100 pF/NO/N
O/SC0603/NO
CL10C101JB
NC
SNMSUNG 4
C63, C81, C96, C111
100pF-0603
15
Capacitor/22 uF/25 V/2
0%/1.4 ohm/NO/STC60
32/Tan/
TAJC226M02
5RNJ
AVX
1
C74
22uF-TAJ-R
16
Capacitor/15 pF/50 V/5
%/SC0603/COG
4
C141, C142, C151,
C152
15PF-0603
17
Capacitor/10 pF/NO/N
O/SC0603/
CL10C100JB
NC
SNMSUNG 2
C144, C145
10PF-0603
18
Capacitor/33 pF/NO/N
O/SC0603/
CL10C330JB
NC
SNMSUNG 2
C153, C157
33PF-0603
19
Capacitor/10 nF/NO/N
O/SC0603/X7R(X5R,
Y5V, C0G)
CL10B103KB
8NNNC
SNMSUNG 2
C159, C191
0.01uF-0603
Table 32.
SPEAr310 bill of materials (BOM) (continued)
Item
Description
Part number
Manu-
facturer
Qty
Reference
Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com