Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 3Page - STMicroelectronics UM1037 Datasheet HTML 4Page - STMicroelectronics UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
7/46
party debug tools are also supported by using external ERNI SWIM connector CN5 or low
cost SWIM connector CN8.
A specific driver needs to be installed on your PC for communication with the embedded
ST-LINK/V2.The InstallShield package ST-LINK_V2_USBdriver.exe is available from the ST
website. To download and install this driver, please refer to Software and development tools
page for ultra low power STM8L family available on www.st.com.
The embedded ST-LINK/V2 is connected to the PC via a standard USB cable connected to
connector CN9.The bicolor LED LD9 (COM on silkscreen) advises on the status of the
communication as follows:
●
Slow blinking Red/Off : At power on before USB init
●
Fast blinking Red/Off : After the first correct communication between PC and ST-
Link/V2 (enumeration)
●
Red Led On: When initialisation between PC and ST-LINK/V2 is successfully finished
●
Green Led On: After successful target communication initialisation
●
Blinking Red/Green: During communication with target
●
Red On: Communication finished and OK
●
Orange On: Communication failure
Note:
It is possible to power the board via CN9 (Embedded ST-LINK/V2 USB connector) even if an
external tool is connected to CN5 (ERNI connector) or CN8 (Low cost connector).
The SWIM connector or embedded ST-LINK/V2 can be enabled by setting jumper JP2.
2.2
Power supply
STM8L1528-EVAL evaluation board is designed to be powered by a 5 V DC power supply
and to be protected by PolyZen from a wrong power plug-in event. It's possible to configure
the evaluation board to use any of following three sources for the power supply.
●
5 V DC power adapter connected to CN12, the Power Jack on the board (Power Supply
Unit PSU in JP13 jumper description in Table 2).
●
5 V DC power with 500mA limitation from CN9, the USB type B connector for
ST-LINK/V2 (USB 5 V power (USB in JP13 jumper description in Table 2)).
●
5 V DC power from CN4, the extension connector for daughter board (Daughter Board
power source (DTB in JP13 jumper description in Table 2)).
The power supply is configured by setting the related jumpers JP4, JP13 and JP14 as
described in Table 2.
Table 1.
SWIM debugging -related jumpers
Jumper
Description
Jumper setting
JP2
PA0 is connected to SWIM connector CN5, CN8 and
embedded ST-LINK/V2 when JP2 is set as shown to the right
(Default setting):
PA0 is connected to IR LED, LD7 when JP2 is set as shown to
the right.
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com