Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics UM1037 Datasheet HTML 17Page - STMicroelectronics UM1037 Datasheet HTML 18Page - STMicroelectronics UM1037 Datasheet HTML 19Page - STMicroelectronics UM1037 Datasheet HTML 20Page - STMicroelectronics UM1037 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
17/46
Note:
Jumper JP2 needs to be set correspondingly for IR LED, please refer to Table 1 for details.
2.17
Touch sensing buttons
Two touch sensing buttons, TS1 and TS2, can be connected to the STM8L152M8T6 by
setting the related solder bridges.
Table 11.
IR LED & receiver related Solder Bridges & jumper
Solder bridge/jumper
Description
SB7
LD7 is driven by PA0 through two transistors T1 and T2 when SB7 is set as
pad1 (Dot mark on silkscreen) connected to pad2. With this configuration
the current driven through LD7 is around 40 mA (default setting)
LD7 is driven by PA0 directly when SB7 is set as pad2 connected to pad3.
In this configuration a current of around 10mA through LD7 is driven
directly by the MCU IO PA0.
JP15
IR receiver is connected to PB2 when JP15 is closed. JP15 should be kept
open for motor control application.
Default setting: Fitted
Table 12.
Touch Sensing button related solder bridges
Solder bridge
Description
SB3,4,5
PB4, PB5 and PB6 are connected to LCD glass when solder bridges
SB3,4 and 5 are set to pad1 (Dot mark on silkscreen) connected to pad2
(default setting)
PB4, PB5 and PB6 are connected to Touch sensing buttons when solder
bridges SB3,4 and 5 are set to pad2 connected to pad3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com