Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1037 Datasheet HTML 1Page - STMicroelectronics UM1037 Datasheet HTML 2Page - STMicroelectronics UM1037 Datasheet HTML 3Page - STMicroelectronics UM1037 Datasheet HTML 4Page - STMicroelectronics UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
December 2010
Doc ID 18294 Rev 1
1/46
UM1037
User manual
STM8L1528-EVAL evaluation board
Introduction
The STM8L1528-EVAL evaluation board is designed as a complete demonstration and
development platform for the STM8 core based STM8L152M8T6 microcontroller with I2C,
two SPI channels 3 USART channels, 12-bit ADC, two 12-bit DACs, LCD driver, internal
4 KByte SRAM, 2 Kbyte data EEPROM and 64 KByte Flash program memory as well as
SWIM debugging support.
The full range of hardware features on the board is provided to help you evaluate all the
MCU peripherals (motor control, USART, microphone, audio DAC, LCD, IR LED, IrDA, SPI
Flash, MicroSD card, temperature sensor, EEPROM… etc.) and develop your own
applications. Extension headers make it possible to easily connect a daughter board or
wrapping board for your specific application.
An ST-LINK/V2 is integrated on the board as embedded in-circuit debugger and
programmer for the STM8 MCU.
Figure 1.
STM8L1528-EVAL evaluation board
www.st.com


Similar Part No. - UM1037

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10317 PHILIPS-UM10317 Datasheet
344Kb / 11P
PCA9633 demonstration board OM6282
Rev. 01-15 December 2008
UM10359 PHILIPS-UM10359 Datasheet
488Kb / 18P
UBA2016AT HFTL demo board with boost and dimming
Rev. 1.1-1 July 2011
logo
STMicroelectronics
UM1036 STMICROELECTRONICS-UM1036 Datasheet
1Mb / 47P
This document describes the 2 kW 3-phase motor control evaluation
13-Nov-2014
logo
NXP Semiconductors
UM10360 NXP-UM10360 Datasheet
4Mb / 835P
LPC17xx User manual
Rev. 01-4 January 2010
logo
STMicroelectronics
UM1038 STMICROELECTRONICS-UM1038 Datasheet
802Kb / 24P
This user manual describes the STarGrid powerline modem
18-Apr-2011
More results

Similar Description - UM1037

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101-EVAL STMICROELECTRONICS-STM8L101-EVAL Datasheet
152Kb / 4P
STM8L101-EVAL evaluation board
02-Aug-2010
STM8L1528-EVAL STMICROELECTRONICS-STM8L1528-EVAL Datasheet
101Kb / 3P
STM8L1528-EVAL evaluation board
09-Dec-2010
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com