Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 18Page - STMicroelectronics UM1037 Datasheet HTML 19Page - STMicroelectronics UM1037 Datasheet HTML 20Page - STMicroelectronics UM1037 Datasheet HTML 21Page - STMicroelectronics UM1037 Datasheet HTML 22Page - STMicroelectronics UM1037 Datasheet HTML 23Page - STMicroelectronics UM1037 Datasheet HTML 24Page - STMicroelectronics UM1037 Datasheet HTML 25Page - STMicroelectronics UM1037 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Connectors
UM1037
22/46
Doc ID 18294 Rev 1
40
PH2
LCD glass & LD3
Put MB905 in "IO"
position
Remove R69
42
PA0
SWIM & IR LED
Keep JP2 open
44
-
-
-
Table 16.
Daughter board extension connector CN4
Pin
Description
Alternative Function
How to disconnect
with function block on
STM8L1528-EVAL
board
1GND
-
-
3
PC6
32KHz OSC
Set SB9 to 1<->2
5
PC5
32KHz OSC
Set SB8 to 2<->3
7
PB4
LCD glass & TS
Put MB905 in "IO"
position
9
PB2
LCD glass & MC
Put MB905 in "IO"
position
Disconnect power
driver board from Motor
control connector
Keep JP15 open
11
RESET
-
-
13
PB0
LCD glass & MC
Put MB905 in "IO"
position
Disconnect power
driver board from Motor
control connector
15
PA2
16MHz OSC
Remove X2
Keep SB11 closed
17
PA3
16MHz OSC
Remove X2
Keep SB12 closed
19
D5V
-
-
21
-
-
-
23
-
-
-
Table 15.
Daughter board extension connector CN3 (continued)
Pin
Description
Alternative Function
How to disconnect
with function block on
STM8L1528-EVAL
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com