Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics UM1037 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
13/46
The IO pins used on the Motor control connector CN1 are multiplexed with some of the on-
board peripherals. The motor control application can be enabled by setting the related
jumpers and solder bridges.
Some board reworks are also needed as listed below:
●
Remove 0 ohm resistors R55 to release IO which used by the Motor control and shared
with Bid-LED (if Bidir LED needs to remain OFF when motor is running).
●
Solder resistor 0 ohm resistors R51 and R60.
The LCD glass module has to be mounted in "IO" position for Motor control. Refer to
Section 2.5: LCD glass module on page 10 for details.
2.10
MicroSD card
The 1 GByte (or more) MicroSD card connected to SPI port of STM8L152M8T6 is available
on the board. MicroSD card detection is managed by GPIO port PG6. Jumper JP10 must be
kept closed for MicroSD card operation, refer to Table 9 for details.
The LCD glass module has to be mounted in "IO" position for MicroSD card. Refer to
Section 2.5: LCD glass module on page 10 for details.
2.11
Analog input
The BNC connector CN2 is connected to PF0 of STM8L152M8T6 through solder bridge
SB1 as external analog input or DAC output. The 50 ohm terminal resister can be enabled
by closing solder bridge SB6. A low pass filter can be implemented for the BNC connector
by replacing R8 and C6 for ADC input or replacing R16 and C6 for DAC output with the
resistor and capacitor values appropriate for the target application.
There are also 3 analog signals available on the board:
Table 8.
Motor control related jumpers and solder bridges
Jumper
Description
JP7
JP7 can be used to redirect a PFC synchronization signal to the timer 3
input capture 2 pin, and to the timer3 external trigger input.
Default setting: Not Fitted
JP1
JP1 should be kept open when an encoder signal is input from pin31 of
CN1 while it should be kept closed when an analog signal is input from
pin31 of CN1 for special type of motors.
Default setting: Not Fitted
JP9
For Motor control applications, JP9 neesd to be kept open to avoid conflict
between Microphone and Motor control connector CN1.
SB2
PE5 is connected to MC_CurrentB when SB2 is set to “pad2 connected to
pad3”.
PF1 is connected to MC_CurrentB when SB2 is set to “pad1 connected to
pad2” (Dot mark on silkscreen).
Default setting: pad2 connected to pad3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com