Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1037 Datasheet HTML 1Page - STMicroelectronics UM1037 Datasheet HTML 2Page - STMicroelectronics UM1037 Datasheet HTML 3Page - STMicroelectronics UM1037 Datasheet HTML 4Page - STMicroelectronics UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Overview
UM1037
4/46
Doc ID 18294 Rev 1
1
Overview
1.1
Features
●
Three 5 V power supply options: Power jack, ST-LINK/V2 USB connector or daughter
board
●
Audio speaker and microphone connected to DAC and ADC of STM8L152M8T6
●
1G Byte (or more) SPI interface MicroSD card
●
128 Mbit SPI serial Flash
●
I2C compatible serial interface 64 Kbit EEPROM and SMBus temperature sensor
●
RS232 communication
●
IrDA transceiver
●
Inductor Motor Control connector
●
SWIM debug support, embedded ST-LINK/V2
●
122x32 Dot matrix LCD connected to SPI interface of STM8L152M8T6
●
Joystick with 4-direction control and selector
●
Reset, Tamper and User button
●
Two touch-sensing buttons
●
4 color LEDs and one bi-color LED
●
MCU consumption measurement circuit
●
LCD glass (40seg x 8com) connected to STM8L152M8T6’s on-chip LCD driver
●
Extension connector for daughter board or wrapping board
●
MCU voltage selectable 3.3 V or adjustable from 1.65 V to 3.6 V
●
IR LED and receiver
1.2
Demonstration software
Demonstration software is preloaded in the board's Flash memory for easy demonstration of
the device peripherals in stand-alone mode. For more information and to download the
lastest version available, please refer to STM8L1528-EVAL demonstration software
available on the ST website: www.st.com.
1.3
Order code
To order the STM8L152M8T6 MCU evaluation board, use the order code
STM8L1528-EVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com