Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Hardware layout and configuration
UM1037
12/46
Doc ID 18294 Rev 1
Note:
The E2PROM used on the board (ref M24C64-DFW5TP) has a specified VDD range of
1.7 V to 5.5 V therefore its behavior is not guaranteed in the VDD range 1.65 V to 1.7 V.
2.8
RS232 & IrDA
Both RS232 and IrDA communication are supported by D-type 9-pin RS232 connectors
CN7 and IrDA transceiver U6 which is connected to the USART of the STM8L152M8T6 on
STM8L1528-EVAL evaluation board. The Bootloader_RESET signal is added to the RS232
connector for ISP support.
2.9
Motor control
The STM8L1528-EVAL evaluation board supports three-phase brushless motor control via
a 34-pin connector CN1, which provides all required control and feedback signals to and
from a motor power-driving board. Available signals on this connector include emergency
stop, motor speed, 3 phase motor current, bus voltage, heatsink temperature coming from
the motor driving board and 6 channels of PWM control signal going to the motor driving
circuit.
Table 6.
EEPROM related jumper and solder bridge
Jumper
Description
JP6
The I2C interface EEPROM U8 is in write protection mode when JP6 is not
fitted.
Default setting: Fitted
SB10
The device address of EEPROM can be changed by setting of SB10, the
address is 0xA0 when SB10 is open while the address is 0xA2 when SB10
is closed.
Default setting: Open
Table 7.
RS232 & IrDA related jumpers
Jumper
Description
Setting
JP5
USART2_RX is connected to RS-232 transceiver and RS-232 communication
is enabled when JP5 is set as shown to the right (default setting).
USART2_RX is connected to IrDA transceiver and IrDA communication is
enabled when JP5 is set as shown to the right.
JP11
PH4 is connected to RS232 or IrDA when JP11 is set as shown to the right
(Default setting):
PH4 is connected to IDD current measurement circuit as IDD_CNT_EN signal
when JP11 is set as shown to the right:
JP12
PH5 is connected to RS232 and IrDA when JP12 is set as shown to the right
(Default setting):
PH5 is connected to IDD current measurement circuit as LP_WAKEUP signal
when JP12 is set as shown to the right:
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com