Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
9/46
2.3
Clock source
Two clock sources are available on STM8L1528-EVAL evaluation board for STM8L152M8T6
and the embedded RTC.
●
X1, 32 KHz crystal for embedded RTC
●
X2, 16 MHz crystal with socket for STM8L152M8T6 microcontroller, it can be removed
from its socket when the internal RC oscillator is used.
2.4
Reset source
The reset signal of STM8L1528-EVAL evaluation board is low active and the reset sources
include:
●
Reset button B1
●
Debugging tools from SWIM connector CN5 and CN8
●
Daughter board from CN4
●
Embedded ST-LINK/V2
●
RS232 connector CN7 for ISP.
Table 3.
Clock source related solder bridges
Solder bridge
Description
SB8
PC5 is connected to 32 KHz crystal when SB8 is set as pad1 (dot mark on
silkscreen) connected to pad2 (default setting).
PC5 is connected to extension connector CN4 when SB8 is set as pad2
connected to pad3.
SB9
PC6 is connected to 32KHz crystal when SB9 is set as pad2 connected to
pad3 (default setting).
PC6 is connected to extension connector CN4 when SB9 is set as pad1
(dot mark on silkscreen) connected to pad2.
SB11,SB12
IO port PA2 and PA3 can be used as GPIO on extension connector by
closing solder bridges SB11 and SB12 when crystal X2 was removed from
its socket.
The solder bridges SB11 and SB12 should be kept open by default.
Table 4.
Reset related jumpers
Jumper
Description
JP8
The board Reset is managed by pin 8 of connector CN7 (RS232 CTS
signal) when JP8 is closed. This configuration is used for boot loader
application only.
Default Setting: Not fitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com