Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1037 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 10Page - STMicroelectronics UM1037 Datasheet HTML 11Page - STMicroelectronics UM1037 Datasheet HTML 12Page - STMicroelectronics UM1037 Datasheet HTML 13Page - STMicroelectronics UM1037 Datasheet HTML 14Page - STMicroelectronics UM1037 Datasheet HTML 15Page - STMicroelectronics UM1037 Datasheet HTML 16Page - STMicroelectronics UM1037 Datasheet HTML 17Page - STMicroelectronics UM1037 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Hardware layout and configuration
UM1037
14/46
Doc ID 18294 Rev 1
1.
10K ohm potentiometer RV2 connected to PC7.
2.
IDD measurement output signal connected to PF3 for MCU power consumption test.
3.
External ADC input which can be connected to TP1 (AIN+) and TP2 (AIN-), solder
bridge SB1 should be kept open for this Analog input.
The LCD glass module has to be mounted on the "IO" position for potentiometer RV2. Refer
to Section 2.5: LCD glass module on page 10 for details.
2.12
Serial Flash
An M25P128 Serial Flash is connected to the SPI bus of the STM8L152M8T6. The chip
select is managed by standard IO port PH7.
2.13
Temperature sensor
An STLM75M2E temperature sensor is connected to the I2C bus of the STM8L152M8T6
through two transistors to support a wide voltage range from 1.65 V to 3.3 V on the I2C bus.
The device address of the temperature sensor can be changed by setting solder bridge
SB13. the address is 0x90 when SB13 is open while address is 0x91 when SB13 is closed.
The LCD glass module has to be mounted in "IO" position for I2C_SMB signal. Refer to
Section 2.5: LCD glass module on page 10 for details.
2.14
Display and input devices
The 122x32 dot-matrix LCD is connected to the SPI port of the STM8L152M8T6, 4 general
purpose color LED's (LD 1,2,3,4), and one bi-color LED LD5 are available as display
devices. A 4-direction joystick (U28) with selection key, an anti-tamper button (B2) and a
general purpose button (B3) are available as input devices.
Table 9.
Serial Flash related jumper
Jumper
Description
JP10
All SPI interface devices, microSD card, SPI Flash and LCD are connected
to SPI_MISO of STM8L152M8T6 when JP10 is closed. JP10 should be
kept open for SPI bootloader operation.
Default setting: Fitted
Table 10.
LCD module (122x32 dot-matrix LCD U26)
Pin no.
Signal
Description
Pin no.
Signal
Description
1Vss
GND
5
SID
PI2
2
Vcc
+3.3V
6
CS
PF2
3VO
-
7
A
+5V
4CLK
PI1
8
K
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com