Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 7Page - STMicroelectronics UM1045 Datasheet HTML 8Page - STMicroelectronics UM1045 Datasheet HTML 9Page - STMicroelectronics UM1045 Datasheet HTML 10Page - STMicroelectronics UM1045 Datasheet HTML 11Page - STMicroelectronics UM1045 Datasheet HTML 12Page - STMicroelectronics UM1045 Datasheet HTML 13Page - STMicroelectronics UM1045 Datasheet HTML 14Page - STMicroelectronics UM1045 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
EVALSPEAr320HMI
Block descriptions and configurations
Doc ID 18410 Rev 3
11/36
4.3.1
Connecting an LCD
The expansion board has two physical interfaces for Emerging Display Technologies (EDT)
LCDs:
●
J600
–
for ET057010DHU
–24 bpp
–
direct 8:8:8 RGB signaling
Table 3 lists J600 configuration options.
See also ET057010DHU LCD interface connector (J600) on page 19
●
J601
–
for devices that have EDT displays with a unified interface
–16 bpp
One bpp is normally not used, but this pixel is still output. It can be used as a
bright bit to connect to the least significant bit (LSB) of R, G, and B components of
a 6:6:6 TFT panel.
–
direct 5:5:5 RGB
This interface can cover LCD screens from 3.5 to 7 inches (such as ET057090DHU
and ET070080DH6).
Table 4 on page 11 lists J601 configuration options.
See also EDT unified LCD interface connector (J601) on page 19
Table 3.
J600 configuration options (ET057010DHU)
Jumper
Description
Configuration
SB600, SB601:
Left/right internal shift register
direction settings
STH->S01->…->S0960->STHO
(Default)
SB600: open
SB601: close
STH->S0960->…->S01->STHO
SB600: close
SB601: open
SB602, SB603:
Up/down scan settings
Reverse scan
SB602: open
SB603: close
Normal scan
(Default)
SB602: close
SB603: open
Table 4.
J601 configuration options (unified interface displays)
Jumper
Description
Configuration
SB610, SB611:
Rotate settings
L/R: STH->S0960->…->S01->STHO
U/D: Reverse Scan
SB610: open
SB611: closed
L/R: STH->S01->…->S0960->STHO
U/D: Normal Scan
(Default)
SB610: closed
SB611: open
SB604, SB605:
Blue LSB setting
Blue LSB bit connected to the blue MSB bit
SB604: open
SB605: closed
Intensity bit connected to the Blue LSB bit
SB604: closed
SB605: open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com