Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 17Page - STMicroelectronics UM1045 Datasheet HTML 18Page - STMicroelectronics UM1045 Datasheet HTML 19Page - STMicroelectronics UM1045 Datasheet HTML 20Page - STMicroelectronics UM1045 Datasheet HTML 21Page - STMicroelectronics UM1045 Datasheet HTML 22Page - STMicroelectronics UM1045 Datasheet HTML 23Page - STMicroelectronics UM1045 Datasheet HTML 24Page - STMicroelectronics UM1045 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
EVALSPEAr320HMI
Connector pinouts
Doc ID 18410 Rev 3
21/36
5.9
General purpose ADC connector CN700
Connector CN700 has eight analog input lines available.
In the expansion, ensure the following relationship between the pins:
0V
≤ CN700-1
≤ CN700-3 – CN700-17
≤ CN700-19
≤ +2.5V
GND
≤ ADC_VREFN
≤ AIN0 –AIN7
≤ ADC_VREFP
≤ +2V5ADC
Table 19.
General purpose ADC connector pinout (CN700)
Pin
Description
Pin
Description
Pin
Description
Pin
Description
1
ADC VREF negative or
GND using JP8
6
GND
11 AIN4
16
GND
2
GND
7
AIN2
22 GND
17
AIN7
3
AIN0
8
GND
23 AIN5
18
GND
4
GND
9
AIN3
24 GND
19
ADC VREF positive or
+2V5 using JP7
5
AIN1
10 GND
25 AIN6
20
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com