Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 25Page - STMicroelectronics UM1045 Datasheet HTML 26Page - STMicroelectronics UM1045 Datasheet HTML 27Page - STMicroelectronics UM1045 Datasheet HTML 28Page - STMicroelectronics UM1045 Datasheet HTML 29Page - STMicroelectronics UM1045 Datasheet HTML 30Page - STMicroelectronics UM1045 Datasheet HTML 31Page - STMicroelectronics UM1045 Datasheet HTML 32Page - STMicroelectronics UM1045 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
EVALSPEAr320HMI
Expansion board components
Doc ID 18410 Rev 3
29/36
L300, L301
Ferrite bead Ferrite bead
Farnell: 9528172
C801, C906, C908, C909, C914, C917,
C918, C919, C920
22uF/6.3V Polarized Capacitor (B)
Farnell:1432361
CN300
RJ45 Ethernet connector with integrated magnetics Pulse: J00-0086NL
J200, J201
SAMTEC-MIT-038 SAMTEC-MIT-038
Samtec:
MIT-38-01-F-D
U800
74V1G125STR non-inverting 3-state buffer
ST:
74V1G125STR
U900
L7986A DC/DC converter
ST: L7986A
U702
64 Kbit EEPROM with
password protection & dual interface
ST:
M24LR64-R-DW6T
D903
Transil diode
ST: SM6T33A
U500, U501
3.3V/5V Dual RS232 Transceiver w/ Int. Cap.
ST: ST3232EBTR
U300
10/100 Fast Ethernet 3.3 V transceiver
ST: ST802RT1A
U600
Advanced resistive touch screen controller
ST:
STMPE811QTR
U801
Single channel power switch
ST:
STMPS2141STR
D900, D901, D902
Schottky Diode
ST: STPS3L40UF
U701
Output rail to rail 1W audio power amplifier
ST: TS4871IST
CN800
MicroSD card connector
YAMAICHI:
PJS008-2003
SB601, SB602
Solder bridge
JP901, JP902
3-pin jumper
Table 28.
Expansion board components (continued)
Designator
Description
Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com