Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 21Page - STMicroelectronics UM1045 Datasheet HTML 22Page - STMicroelectronics UM1045 Datasheet HTML 23Page - STMicroelectronics UM1045 Datasheet HTML 24Page - STMicroelectronics UM1045 Datasheet HTML 25Page - STMicroelectronics UM1045 Datasheet HTML 26Page - STMicroelectronics UM1045 Datasheet HTML 27Page - STMicroelectronics UM1045 Datasheet HTML 28Page - STMicroelectronics UM1045 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
EVALSPEAr320HMI
Connector pinouts
Doc ID 18410 Rev 3
25/36
5.16
SPEAr320 CPU board 86-pin connectors (J1 and J2)
The two 86 pin connectors J1 and J2 are used to connect the expansion board with the
SPEAr320 CPU board.
Figure 3.
SPEAr320 CPU board 86-pin connector pinouts (J1 and J2)
Table 26.
SPEAr320 CPU board connectors J1 pins
Pin
Description
Pin
Description
Pin
Description
1
NC
30
SSP_MOSI
59
MII1_RXD0
2
+5V0
31
MII1_TXD3
60
nRESET
3
NC
32
MII1_COL
61
MII1_CRS
4
+5V0
33
MII1_RXER
62
NC
5
NC
34
SSP_CLK
63
MII1_MDIO
6
+5V0
35
MII1_MDC
64
NC
7
NC
36
SSP_MISO
65
SSP_SS0
8
+5V0
37
MII1_RXDV
66
NC
9
UART0_TX
38
I2C_SCL / PL_GPIO4
67
UART2_TX
10
SDAT1 / MicroSD card data 1
39
MII1_RXD2
68
NC
11
UART0_RX
40
I2C_SDA/ PL_GPIO5
69
UART2_RX
12
PL_GPIO39
41
MII1_RXD3
70
+3V3
13
RS232_TXD
42
NC
71
NC
14
PL_GPIO40
43
PL_GPIO36 / TS_X
72
+3V3
15
RS232_RXD
44
NC
73
NC
16
PWM0
45
PL_GPIO41
74
+3V3
17
PL_GPIO42
46
NC
75
NC
18
UART1_TX
47
PL_GPIO35
76
+3V3
19
SDAT0 / MicroSD card data 0
48
NC
77
GND
20
PWM1
49
CAN1_TX
78
GND
21
PL_GPIO34 / PWM2
50
+2V5
79
GND
22
CAN1_RX
51
CAN0_RX
80
GND
23
CAN0_TX
52
+2V5
81
GND
24
UART1_RX
53
MII1_TXD1
82
GND
25
MII1_RXD1
54
+2V5
83
GND
26
MII1_TXD0
55
MII1_TXEN
84
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com