Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 10Page - STMicroelectronics UM1045 Datasheet HTML 11Page - STMicroelectronics UM1045 Datasheet HTML 12Page - STMicroelectronics UM1045 Datasheet HTML 13Page - STMicroelectronics UM1045 Datasheet HTML 14Page - STMicroelectronics UM1045 Datasheet HTML 15Page - STMicroelectronics UM1045 Datasheet HTML 16Page - STMicroelectronics UM1045 Datasheet HTML 17Page - STMicroelectronics UM1045 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Block descriptions and configurations
EVALSPEAr320HMI
14/36
Doc ID 18410 Rev 3
4.5
RS232 transceivers (U500 and U501)
The board has three RS232 DB9 plug connectors; see also:
●
RS232/UART0 DB9 plug connector (CN500) on page 18
●
RS232/UART2 DB9 plug connector (CN501) on page 18
●
RS232/UART1 DB9 plug connector (CN502) on page 18
Using reduced modem control signals, UART0 can fully utilize the U500 RS232 transceiver;
the RS232_0 signals are available through CN500.
Note:
If the U500 RS232 transceiver is not soldered on the board, RS232_TXD and RS232_RXD
signals can be brought in from the CPU board to the CN500 connector (see Table 8).
UART1 and UART2 have only RX/TX functionality, and are connected to the U501 RS232
transceiver; RS232_1 signals are available from CN502, and RS232_2 signals are available
from CN501.
Table 7.
UART0 RS232 handshake enable configuration
Jumper
Description
Configuration
JP200
UART0_CTS active
UART0_CTS inactive (Default)
The related PL_GPIO38 controls LCD backlight dimming (signal LCD_LEDCTRL)
JP201
UART0_RTS active
UART0_RTS inactive (Default)
The related PL_GPIO37 drives the onboard buzzer
1 2 3
1 23
1 2 3
1 2 3
Table 8.
Bringing UART0/RS232 transceiver signals from the CPU board
Jumper(1)
Description
JP20
Connects the RS232_TXD signal from the CPU board RS232 transceiver to CN500 (UART0)
Default: Not installed
JP21
Connects the RS232_RXD signal from the CPU board RS232 transceiver to CN13 (UART0)
Default: Not installed
1.
Do not install if U10 is soldered to the expansion board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com