Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 23Page - STMicroelectronics UM1045 Datasheet HTML 24Page - STMicroelectronics UM1045 Datasheet HTML 25Page - STMicroelectronics UM1045 Datasheet HTML 26Page - STMicroelectronics UM1045 Datasheet HTML 27Page - STMicroelectronics UM1045 Datasheet HTML 28Page - STMicroelectronics UM1045 Datasheet HTML 29Page - STMicroelectronics UM1045 Datasheet HTML 30Page - STMicroelectronics UM1045 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
EVALSPEAr320HMI
Expansion board components
Doc ID 18410 Rev 3
27/36
Appendix A
Expansion board components
Table 28.
Expansion board components
Designator
Description
Order
C308, C309
12 pF capacitor
Farnell 1710173
CN704
GM: MLW14G Header, 7-Pin, Dual row
Farnell: 1099256
R609
Potentiometer, 10 KB variable resistor;
ALPS -29 0016
Farnell: 1191741
R713
Potentiometer, 100 KB variable resistor;
ALPS -29 0024
Farnell: 1191742
C307, C401, C403, C506, C511, C512,
C800
10 nF/500 V capacitor
Farnell: 1216456
LD700, LD702
green GaAs LED
Farnell: 1226373
LD800, LD900
red GaAs LED
Farnell: 1226392
LD701, LD703
yellow GaAs LED
Farnell: 1226420
CN703
Lumberg 1503 06 Socket, 3.5mm Jack, Mono
Farnell: 1243243
C901
470 nF Capacitor
Farnell: 1414741
J600
CON40
Farnell: 1435694
CN600
FPC, SMT, 1MM, 4WAY FPC, SMT, 1MM, 4WAY
Farnell: 1757086
C303, C306, C707
10 uF/X5R ceramic capacitor
Farnell: 1463381
U700
KSSG1708 KINGSTATE -KSSG1708
transducer, speaker
Farnell: 1502738
R402, R406
120
Ω resistor
Farnell: 1514716
R305
5.6 K
Ω resistor
Farnell: 1514773
L901
BEAD inductor
Farnell: 1515680
R500, R502, R503, R601, R605, R702,
R716
0
Ω resistor
Farnell: 1573911
JP202, JP300, JP401, JP404, JP702,
JP800, JP900
2-pin jumper wire
Farnell: 1593411
JP200, JP201, JP400, JP402, JP403,
JP405, JP600, JP700, JP701
3-pin jumper wire
Farnell: 1593412
CN700, CN701
Header, 10-pin, dual row
Farnell: 1593446
CN702
Header, 10-pin, dual row
Farnell: 1593454
R100, R101, R102, R103, R313, R400,
R404, R602, R606, R607, R610, R611,
R710, R800, R801, R802, R803, R804,
R805, R807, R808, R809, R811, R902
10 K
Ω resistor
Farnell: 1601277
C900
10 uF ceramic /35V capacitor
Farnell: 1611967
R318, R403, R407, R501, R504, R505,
R806
1 M
Ω resistor
Farnell: 1631320
R904
1K
Ω28 resistor
Farnell:
1631324 pozor 1k3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com