Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 19Page - STMicroelectronics UM1045 Datasheet HTML 20Page - STMicroelectronics UM1045 Datasheet HTML 21Page - STMicroelectronics UM1045 Datasheet HTML 22Page - STMicroelectronics UM1045 Datasheet HTML 23Page - STMicroelectronics UM1045 Datasheet HTML 24Page - STMicroelectronics UM1045 Datasheet HTML 25Page - STMicroelectronics UM1045 Datasheet HTML 26Page - STMicroelectronics UM1045 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
EVALSPEAr320HMI
Connector pinouts
Doc ID 18410 Rev 3
23/36
5.12
Unified power line modem (PLM) connector (CN704)
5.13
Mono 3.5 mm audio jack connector (CN703)
Table 22.
Unified power line modem (PLM) connector pinout (CN704)
Pin
Description
Pin
Description
1
+3V3
8
NC
2
NC
9
PL_GPIO34
3
UART2_RX
10
GND
4
NC
11
PL_GPIO35
5
UART2_TX
12
GND
6
NC
13
PL_GPIO21
7
PL_GPIO39
14
GND
Table 23.
Mono 3.5 mm audio jack connector pinout (CN703)
Pin
Description
1
Speaker+
2
Speaker+ switch
3
Speaker-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com