Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 24Page - STMicroelectronics UM1045 Datasheet HTML 25Page - STMicroelectronics UM1045 Datasheet HTML 26Page - STMicroelectronics UM1045 Datasheet HTML 27Page - STMicroelectronics UM1045 Datasheet HTML 28Page - STMicroelectronics UM1045 Datasheet HTML 29Page - STMicroelectronics UM1045 Datasheet HTML 30Page - STMicroelectronics UM1045 Datasheet HTML 31Page - STMicroelectronics UM1045 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Expansion board components
EVALSPEAr320HMI
28/36
Doc ID 18410 Rev 3
R714
22K resistor
Farnell: 1631332
R603, R608, R705, R901
100
Ω resistor
Farnell: 1632390
R707
1K0 resistor
Farnell: 1632391
R300, R314, R712
1.2 K
Ω resistor
Farnell: 1632396
R903
1.5 K
Ω resistor
Farnell: 1632406
R312, R317
2 K
Ω resistor
Farnell: 1632414
R301, R302, R303, R304, R307, R308,
R309, R310, R311, R401, R405
2.2 K
Ω resistor
Farnell: 1632417
R905
47 K
Ω resistor
Farnell: 1632440
L900
33 uH inductor EPCOS b82464z4333m000
Farnell: 1644514
R711
100 K
Ω resistor
Farnell: 1646028
R315, R316, R701, R704
220
Ω resistor
Farnell: 1646159
R703, R706, R810
330
Ω resistor
Farnell: 1646224
R906
47
Ω resistor
Farnell: 1646283
R306
91 K
Ω resistor
Farnell: 1646361
CN400, CN401, CN500, CN501, CN502 DB9-male connector
Farnell: 1653975
C705, C902
100 uF polarized capacitor (CDE)
Farnell: 1696568
C604, C903, C915, C916
10 nF capacitor
Farnell: 1709948
C701, C905
47 pF capacitor
Farnell: 1710243
C702
470 pF capacitor
Farnell: 1710247
U100
Hynix Semiconductor
-HY27UF084G2B-TPCB -memory,
Flash NAND 4 GB, TSOP48
Farnell: 1712426
X300
25 MHz epson crystal
Farnell: 1712818
C703
150 nF capacitor
Farnell: 1759018
C904
1 nF capacitor
Farnell: 1759088
C704
33 nF capacitor
Farnell: 1759113
B600, B601, B700
BTN SE pushbutton
Farnell: 177807
CN901
GM: K375A Input power, 4.4V-36V
Farnell: 224960
CN900
MKDS1.5-5.08 or
GM: ARK103/2 2 pin terminal block, 5.08mm pitch
Farnell: 3041529
C300, C301, C302, C304, C305, C400,
C402, C500, C501, C502, C503, C504,
C505, C507, C508, C509, C510, C600,
C601, C602, C603, C700, C706, C910,
C911, C912, C921, C922, C923, C924
100 nF capacitor
Farnell: 4532004
U400, U401
SN65HVD230 CAN transceiver
Farnell: 8452148
L700
BOURNS -SDR1006-4R7ML
power inductor 4.7 uH 7.3A 20% 40MHZ
Farnell: 9315209
R600, R604, R700, R708, R709
4K7 Generic Resistor
Farnell: 9367691
Table 28.
Expansion board components (continued)
Designator
Description
Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com