Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1045 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1045
Description  This document applies to revision 2 EVALSPEAR320HMI expansion boards
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1045 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1045 Datasheet HTML 13Page - STMicroelectronics UM1045 Datasheet HTML 14Page - STMicroelectronics UM1045 Datasheet HTML 15Page - STMicroelectronics UM1045 Datasheet HTML 16Page - STMicroelectronics UM1045 Datasheet HTML 17Page - STMicroelectronics UM1045 Datasheet HTML 18Page - STMicroelectronics UM1045 Datasheet HTML 19Page - STMicroelectronics UM1045 Datasheet HTML 20Page - STMicroelectronics UM1045 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
EVALSPEAr320HMI
Connector pinouts
Doc ID 18410 Rev 3
17/36
5
Connector pinouts
5.1
CAN DB9 plug connectors (CN400 and CN401)
5.2
Ethernet RJ45 connector (CN300)
Table 11.
CAN DB9 plug connector pinouts (CN400 and CN401)
Pin
Description
Pin
Description
1, 4, 8 NC
7
CANH
2
CANL
3, 6 GND
5
Chassis
9
Optional supply voltage (+3V3 or +5.0V)
1
2
3
4
5
6
7
8
9
Table 12.
Ethernet RJ45 connector pinout (CN300)
Pin
Description
Pin
Description
1
TxData+
5
TxData
2
RxData+
6
NC
3
NC
7
RxData
4
NC
8
NC
Front View
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com