Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 7Page - STMicroelectronics AN4080 Datasheet HTML 8Page - STMicroelectronics AN4080 Datasheet HTML 9Page - STMicroelectronics AN4080 Datasheet HTML 10Page - STMicroelectronics AN4080 Datasheet HTML 11Page - STMicroelectronics AN4080 Datasheet HTML 12Page - STMicroelectronics AN4080 Datasheet HTML 13Page - STMicroelectronics AN4080 Datasheet HTML 14Page - STMicroelectronics AN4080 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID023035 Rev 4
11/35
AN4080
Power supplies and reset sources of the STM32F0xx family
34
1.2
Reset and power supply supervisor
1.2.1
Power-on reset (POR) / power-down reset (PDR) of the STM32F0x1/x2
devices
The device has an integrated power-on reset (POR) and power-down reset (PDR) circuits
which are always active and ensure proper operation above a threshold of 2 V.
The device remains in Reset mode when the monitored supply voltage is below a specified
threshold, VPOR/PDR, without the need for an external reset circuit.
•
The POR monitors only the VDD supply voltage. During the startup phase VDDA must
arrive first and be greater than or equal to VDD.
•
The PDR monitors both the VDD and VDDA supply voltages. However, the VDDA power
supply supervisor can be disabled (by programming a dedicated option bit
VDDA_MONITOR) to reduce the power consumption if the application design ensures that
VDDA is higher than or equal to VDD.
For more details on the power on / power down reset threshold, refer to the electrical
characteristics section in the datasheet.
Figure 4. Power on reset/power down reset waveform
1.2.2
External power-on reset and power-down reset (NPOR) of the
STM32F0x8 devices
To guarantee a proper power-on and power-down reset to the device, the NPOR pin must
be held low until VDD is valid or before turning off the supply. When VDD is stable, the reset
state can be exited by putting the NPOR pin in high impedance. The NPOR pin has an
internal pull-up connected to VDDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com