Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 19Page - STMicroelectronics AN4080 Datasheet HTML 20Page - STMicroelectronics AN4080 Datasheet HTML 21Page - STMicroelectronics AN4080 Datasheet HTML 22Page - STMicroelectronics AN4080 Datasheet HTML 23Page - STMicroelectronics AN4080 Datasheet HTML 24Page - STMicroelectronics AN4080 Datasheet HTML 25Page - STMicroelectronics AN4080 Datasheet HTML 26Page - STMicroelectronics AN4080 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID023035 Rev 4
23/35
AN4080
Debug management
34
4.3.2
SWD pin assignment
After reset (SYSRESETn or PORESETn), the pins used for the SWD are assigned as
dedicated pins which are immediately usable by the debugger host.
However, the MCU offers the possibility to disable the SWD, therefore releasing the
associated pins for general-purpose I/O (GPIO) usage. For more details on how to disable
SWD port, refer to the RM0091 section on I/O pin alternate function multiplexer and
mapping.
4.3.3
Internal pull-up and pull-down on SWD pins
Once the SWD I/O is released by the user software, the GPIO controller takes control of
these pins. The reset states of the GPIO control registers put the I/Os in the equivalent
states:
•
SWDIO: alternate function pull-up
•
SWCLK: alternate function pull-down
Having embedded pull-up and pull-down resistors removes the need to add external
resistors.
4.3.4
SWD port connection with standard SWD connector
Figure 9 shows the connection between the STM32F0xx and a standard SWD connector.
Figure 9. SWD port connection
Caution:
In STM32F07x/04x devices, the SWCLK and SWDIO pins are supplied by the VDDIO2
domain. Therefore, you must provide VDDIO2 supply instead of VDD to the SWD connector
in order to ensure correct behavior of the debugger tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com