Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 21Page - STMicroelectronics AN4080 Datasheet HTML 22Page - STMicroelectronics AN4080 Datasheet HTML 23Page - STMicroelectronics AN4080 Datasheet HTML 24Page - STMicroelectronics AN4080 Datasheet HTML 25Page - STMicroelectronics AN4080 Datasheet HTML 26Page - STMicroelectronics AN4080 Datasheet HTML 27Page - STMicroelectronics AN4080 Datasheet HTML 28Page - STMicroelectronics AN4080 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DocID023035 Rev 4
25/35
AN4080
Recommendations
34
Figure 10. Typical layout for VDD/VSS pair
5.5
Other signals
When designing an application, the EMC performance can be improved by closely studying:
•
Signals for which a temporary disturbance affects the running process permanently
(such as interrupts and handshaking strobe signals, but not LED commands). For
these signals, a surrounding ground trace, shorter lengths and the absence of noisy
and sensitive traces nearby (crosstalk effect) improve EMC performance.
•
Digital signals: the best possible electrical margin must be reached for the two logical
states and slow Schmitt triggers are recommended to eliminate parasitic states.
•
Noisy signals (clock, etc.)
•
Sensitive signals (high impedance, etc.)
5.6
Unused I/Os and features
All microcontrollers are designed for a variety of applications and often a particular
application does not use 100% of the MCU resources.
To increase EMC performance and avoid extra power consumption, unused clocks,
counters or I/Os, should not be left free. I/Os should be connected to a fixed logic level of 0
or 1 by an external or internal pull-up or pull-down on the unused I/O pin. The other option is
to configure GPIO as output mode using software. Unused features should be frozen or
disabled, which is their default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com