Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 16Page - STMicroelectronics AN4080 Datasheet HTML 17Page - STMicroelectronics AN4080 Datasheet HTML 18Page - STMicroelectronics AN4080 Datasheet HTML 19Page - STMicroelectronics AN4080 Datasheet HTML 20Page - STMicroelectronics AN4080 Datasheet HTML 21Page - STMicroelectronics AN4080 Datasheet HTML 22Page - STMicroelectronics AN4080 Datasheet HTML 23Page - STMicroelectronics AN4080 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Boot configuration
AN4080
20/35
DocID023035 Rev 4
3
Boot configuration
In the STM32F0xx, three different boot modes can be selected through the BOOT0 pin and
boot configuration bits nBOOT1, BOOT_SEL and nBOOT0 in the User option byte, as
shown in the following table.
The boot mode configuration is latched on the 4th rising edge of SYSCLK after a reset. It is
up to the user to set boot mode configuration related to the required boot mode. The boot
mode configuration is also re-sampled when exiting from Standby mode. Consequently they
must be kept in the required Boot mode configuration in Standby mode. After this startup
delay has elapsed, the CPU fetches the top-of-stack value from address 0x00000000, then
starts code execution from the boot memory at 0x00000004.
Depending on the selected boot mode, main Flash memory, system memory or SRAM is
accessible as follows:
•
Boot from main Flash memory: the main Flash memory is aliased in the boot memory
space (0x00000000), but still accessible from its original memory space (0x08000000).
In other words, the Flash memory contents can be accessed starting from address
0x00000000 or 0x08000000.
•
Boot from system memory: the system memory is aliased in the boot memory space
(0x0000 0000), but still accessible from its original memory space (0x1FFF EC00 on
STM32F03x and STM32F05x devices, 0x1FFF C400 on STM32F04x devices and
0x1FFF C800 on STM32F07x devices).
•
Boot from the embedded SRAM: the SRAM is aliased in the boot memory space
(0x0000 0000), but it is still accessible from its original memory space (0x2000 0000).
Empty check
On STM32F04x devices only, internal empty check flag is implemented to allow easy
programming of the virgin devices by the boot loader. This flag is used when BOOT0 pin is
defining Main Flash memory as the target boot space. When the flag is set, the device is
considered as empty and System memory (boot loader) is selected instead of the Main
Flash as a boot space to allow user to program the Flash memory.
Table 3. Boot modes(1)
1. Grey options are available on STM32F04x devices only.
Boot mode configuration
Mode
n BOOT1
bit
BOOT0
pin
BOOT_SEL
bit
nBOOT0
bit
x
0
1
x
Main Flash memory is selected as boot
space(2)
2. For STM32F04x devices, see also Empty check description.
1
1
1
x
System memory is selected as boot space
0
1
1
x
Embedded SRAM is selected as boot space
x
x
0
1
Main Flash memory is selected as boot space
1
x
0
0
System memory is selected as boot space
0
x
0
0
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com