Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 15Page - STMicroelectronics AN4080 Datasheet HTML 16Page - STMicroelectronics AN4080 Datasheet HTML 17Page - STMicroelectronics AN4080 Datasheet HTML 18Page - STMicroelectronics AN4080 Datasheet HTML 19Page - STMicroelectronics AN4080 Datasheet HTML 20Page - STMicroelectronics AN4080 Datasheet HTML 21Page - STMicroelectronics AN4080 Datasheet HTML 22Page - STMicroelectronics AN4080 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DocID023035 Rev 4
19/35
AN4080
Clocks
34
2.5
ADC clock
The ADC clock is either the dedicated 14 MHz RC oscillator (HSI14) or PCLK divided by 2
or 4. When the ADC clock is derived from PCLK, it is in an opposite phase with PCLK. The
14 MHz RC oscillator can be configured by software either to be turned on/off ("auto-off
mode") by the ADC interface or to be always enabled.
2.6
HSI 48 MHz clock
2.6.1
HSI 48 MHz RC oscillator
The internal HSI 48 MHz RC oscillator is mainly dedicated to provide a high-precision
reference clock to the USB by means of a special clock recovery circuitry (see
Section 2.6.2), which could use the USB SOF signal or the LSE or an external pulse to
adjust the frequency. This source can also be used as a system clock source when the
system is in run mode; it is disabled as soon as the system enters in STOP or Standby
mode. The CRS can be enabled or not depending on the status of the USB and the
synchronization source selected.
2.6.2
HSI 48 MHz clock recovery system (CRS)
The clock recovery system is an advanced digital control interface to the internal fine-
granularity trimmable RC oscillator HSI 48. The CRS is a powerful tool for evaluating the
oscillator output frequency based on comparison with a selectable synchronization signal. It
can adjust automatically the oscillator trimming based on the measured frequency error
value, while keeping also the possibility of a manual trimming.
2.7
Clock security system (CSS)
The clock security system can be activated by software. In this case, the clock detector is
enabled after the HSE oscillator startup delay, and disabled when this oscillator is stopped.
•
If a failure is detected on the HSE oscillator clock, the oscillator is automatically
disabled.
–
A clock failure event is sent to the break inputs of TIM1 advanced control timer
and TIM15, TIM16 and TIM17 general purpose timers.
–
An interrupt is generated to inform the software about the failure (clock security
system interrupt CSSI), allowing the MCU to perform recovery operations.
–
CSSI is linked to the Cortex®-M0 NMI (non-maskable interrupt) exception vector.
•
If the HSE oscillator is used directly or indirectly as the system clock (indirectly means
that it is used as the PLL input clock, and the PLL clock is used as the system clock), a
detected failure causes a switch of the system clock to the HSI oscillator and the
disabling of the external HSE oscillator. If the HSE oscillator clock (divided or not) is the
clock entry of the PLL that is being used as a system clock when the failure occurs, the
PLL is disabled too.
For details refer to STM32F0x1/STM32F0x2/STM32F0x8 advanced ARM-based 32-bit
MCUs reference manual (RM0091) available from STMicroelectronics website www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com