Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4080 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4080
Description  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 10Page - STMicroelectronics AN4080 Datasheet HTML 11Page - STMicroelectronics AN4080 Datasheet HTML 12Page - STMicroelectronics AN4080 Datasheet HTML 13Page - STMicroelectronics AN4080 Datasheet HTML 14Page - STMicroelectronics AN4080 Datasheet HTML 15Page - STMicroelectronics AN4080 Datasheet HTML 16Page - STMicroelectronics AN4080 Datasheet HTML 17Page - STMicroelectronics AN4080 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Power supplies and reset sources of the STM32F0xx family
AN4080
14/35
DocID023035 Rev 4
1.2.4
Programmable voltage detector (PVD) of the STM32F0x1/x2
devices
You can use the PVD to monitor the VDD power supply by comparing it to a threshold
selected by the PLS[2:0] bits in the Power control register (PWR_CR).
The PVD is enabled by setting the PVDE bit.
When enabled, the typical current consumption of this feature is 0.15 μA.
A PVDO flag is available, in the Power control/status register (PWR_CSR), to indicate if VDD
is higher or lower than the PVD threshold.
•
This event is internally connected to the EXTI line16 and can generate an interrupt if
enabled through the EXTI registers.
•
The PVD output interrupt can be generated when VDD drops below the PVD threshold
and/or when VDD rises above the PVD threshold depending on EXTI line16
rising/falling edge configuration. As an example the service routine could perform
emergency shutdown tasks.
Figure 6. PVD thresholds
Caution:
In the STM32F0x8 devices the input voltage must be fixed at 1.8 V, therefore the
programmable voltage detector is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com